PART |
Description |
Maker |
A5M AA6F |
XLR Style Audio Connector; Number of Contacts:5; Mounting Type:Cable; Gender:Male; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):Yes GENERAL PURPOSE AUDIO CONNECTOR, PLUG
|
Switchcraft, Inc. SWITCHCRAFT INC
|
482 |
Phone Plug; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No; Gender:Male; No. of Contacts:3 6.3 MM AUDIO CONNECTOR, PLUG
|
Switchcraft, Inc.
|
ACPR-VIO |
6.3 MM AUDIO CONNECTOR, PLUG ROHS COMPLIANT
|
Amphenol, Corp.
|
50-00044 |
Connector, 5.2xL43 mm 3 conductor audio plug, Au plated, molding style
|
Tensility International...
|
50-00006 |
Connector, 2.5xL21.6 mm, audio plug 4C with metal ring, brass nickel plated
|
Tensility International...
|
55100-0670 |
Serial Bus Connector; No. of Contacts:6; Gender:Plug; Connector Body Material:Plastic; Contact Termination:Solder; Mounting Type:Cable; Pitch Spacing:2mm; Series:55100 RoHS Compliant: Yes 6 CONTACT(S), MALE, TELECOM AND DATACOM CONNECTOR, PLUG
|
Molex, Inc.
|
03-09-2151 03-09-1152 |
093 Pwr Plug O/MtEar/Tab 94V-2 15Ckt 15 CONTACT(S), MALE, POWER CONNECTOR, PLUG connector 15 CONTACT(S), FEMALE, POWER CONNECTOR, RECEPTACLE
|
Molex, Inc.
|
74323-2001 74323-2004 |
DVI-D PLUG SUB CONN. S.C. AUN W/TRAY TELECOM AND DATACOM CONNECTOR, PLUG DVI-D Low Cost Plug Conn Sub-Assy 30u TELECOM AND DATACOM CONNECTOR, PLUG
|
Molex, Inc.
|
M706-5400546 |
Audio Connector, 3.5mm Horizontal PC Tail Phono Jack Socket, internal metal bushing 3.5 MM AUDIO CONNECTOR, JACK
|
Harwin PLC
|
HIF2B-10D-2.54RA HIF2B-10D-2.54RB HIF2B-10D-2.54RS |
14 CONTACT(S), MALE, STRAIGHT DIP CONNECTOR, IDC, PLUG 16 CONTACT(S), MALE, STRAIGHT DIP CONNECTOR, IDC, PLUG 24 CONTACT(S), MALE, STRAIGHT DIP CONNECTOR, IDC, PLUG 10 CONTACT(S), MALE, STRAIGHT DIP CONNECTOR, IDC, PLUG CONNECTOR ACCESSORY 连接器附 HIF2B SERIES DIP PLUG HIF2B系列DIP插头
|
HIROSE ELECTRIC Co., Ltd. http:// Hirose Electric USA, INC.
|
50-84-1030 50-84-1120 50-84-1090 50-84-1035 |
Header Connector,Cable Mnt,PLUG,3 Contacts,PIN/SKT,0.25 Pitch,CRIMP Terminal,LATCH 3 CONTACT(S), MALE AND FEMALE, POWER CONNECTOR, CRIMP, PLUG connector 12 CONTACT(S), MALE AND FEMALE, POWER CONNECTOR, CRIMP, PLUG Header Connector,Cable Mnt,PLUG,9 Contacts,PIN/SKT,0.250 Pitch,CRIMP Terminal,LATCH 9 CONTACT(S), MALE AND FEMALE, POWER CONNECTOR, CRIMP, PLUG 2.13MM POWER CONNECTOR 4202103C
|
Molex, Inc. MOLEX INC
|
5026 5026-60 |
Telephone Cable Assembly; Connector Type A:Bantam Plug; Connector Type B:Alligator Clips (2); Cable Length:60" RoHS Compliant: NA Bantam Plug (Miniature Phone Plug) To Alligator Clips
|
Pomona Electronics
|
|